Part Number Hot Search : 
CDR12TS LM358D 01M10V6 GG11M DT54FC 7270F LTC694 XC4000FM
Product Description
Full Text Search
 

To Download OHI-632-870H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OSA Opto Light GmbH Kopenicker Str. 325 / Haus 201 12555 Berlin - Germany Tel. +49 (0)30 65 76 26 83 Fax: +49 (0)30 65 76 26 81 E-Mail: contact@osa-opto.com
Series 632 - High current, with lens
Features
size 1210: 3,3(L) x 2,9(W) x 2,9(H) mm circuit substrate: glass laminated epoxy high current up to 100 mA with lens, view angle 40 soldering pads: gold plated, all soldering methods applicable - taped in 12 mm blister tape, cathode to transporting perforation - all devices sorted into luminous intensity classes - high radiation intensity types
Absolute Maximum Ratings
IF, max[mA] 100 IF,P [mA] tp 100 s =1: 10 500 VR [V] 5 IR, max [A] 100 Thermal resistance R thJA [K / W] 24 TOp [C] -40...85 TSt [C] -55...85
100
80
IF [mA]
60
40
Maximal forward current (DC) characteristic
20
0 -40
-20
0
20
40
60
80
Top[ C]
Electro-Optical Characteristics
Type OHI-632 -870H Marking at cathode Measurement Switching time (rise & fall) IF [mA] typ [ns] max [ns] 100 20 80 VF[V] typ max 1,45 1,7 p [nm] 870 15 Ie[mW/sr] min typ 20 40
(c) 2004
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
preliminary edition 11/04
90 1,0 120 60
150 0,5
30
view angle
0,0 180 0
100
IF (mA)
870H 10
UF - IF characteristic
1
1,2
1,3
1,4
1,5
1,6
UF (V)
1,5
870H
Ie rel (at 100 mA )
1,0
IF - Ie, rel characteristic
0,5
0
25
50
75
100
125
150
IF (mA)
(c) 2004
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
preliminary edition 11/04
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions
300
250 10-20 s
T emperature (C)
230 C 200
150 Max. 40 s 100
IR reflow soldering profile
50
0 50 100 150 200 250 300
T ime (sec)
300 Max. 10 s 250
235 C-260 C First W ave
S econd W ave
T emperature (C)
200
150
P rocess Limits
100
4 C/sec.
Wave soldering profile
50
0 50 100 150 200 250
T ime (sec)
Manual soldering:
max power of iron 25W/1s/300 C
(c) 2004
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
preliminary edition 11/04
Ordering Code For Parts
Series Color Encapsulation Packaging
OHI-632
-
???????
-
X
-
T T - taped
X - uncolored clear Type definition, e.g. OHI-632 -870H-X -T
LED Luminous Intensity Groups And Subgroups [ mW/sr ]
(general information - not this device specific)
C: D: E: F: G: H: J: K: L: M: N: P: 0.28 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18 28 45 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18.00 28 45 71 C1: C2: D1: D2: E1: E2: F1: F2: G1: G2: H1: H2: 0.28 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 J1: J2: K1: K2: L1: L2: M1: M2: N1: N2: P1: P2: 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 71.00
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated equipment with an accuracy of 11 %.
(c) 2004
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
preliminary edition 11/04
Tape And Reel Packing
D 180 mm 330 mm
Parts/reel 500 2000
Packing:
The reel is sealed in special plastic bag with integrate ESD protection ( MIL - STD 81705 ) including a silica dry-pack
Label
Order No. Type Intensity group Charge No. Quantity
XXXXXXXXX OHI-632 ?????-??-T ZZ 1122-AAAAAA 9999
Customer order No.
11 Week - 22 year - A internal identification
(c) 2004
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com


▲Up To Search▲   

 
Price & Availability of OHI-632-870H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X